Part Number Hot Search : 
1N540007 331M1 00BZI 4060BD T71C15DC EL4093C FPT100B GL128P11
Product Description
Full Text Search
 

To Download MASW-009359-001SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-009359
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Features
* * * * * * * * CDMA Handset Switching Applications Balanced (symmetrical) RF Ports Low Cross Modulation Low Insertion Loss: 0.55 dB @ 1 GHz High Isolation: 27 dB @ 1 GHz High Power: P0.1dB = 36 dBm @ 1 GHz 0.5 micron GaAs pHEMT Process Lead-Free 2 mm 12-Lead STQFN with 0.4 mm lead pitch package * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible
M/A-COM Products
Rev. V1
Functional Schematic
Description
M/A-COM's MASW-009359 is an industry leading GaAs PHEMT MMIC single pole three throw (SP3T) CDMA-GPS switch in a lead-free 2 mm 12-lead STQFN package with 0.4 mm lead pitch. The MASW-009359 is uniquely configured to enable switching from a common antenna port to CDMA cellular, CDMA PCS, or GPS ports. It is also ideal for other applications where a compact, high performance, symmetrical SP3T switch is required. The design is symmetric and has been fully optimized for excellent cross modulation performance in all three paths while still maintaining excellent insertion loss and isolation. The symmetrical design allows the user to assign CDMA cellular, CDMA PCS and GPS to ports RF1, RF2 or RF3 to optimize the layout. The MASW-009359 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
Pin Configuration 3
Pin No. 1 2 3 4 5 6 7 8 9 10 11 Function V3 RF3 GND GND RF2 V2 GND RF1 V1 GND RFC GND GND (paddle) Description Control 3 RF Port 3 Ground Ground RF Port 2 Control 2 Ground RF Port 1 Control 1 Ground RF Common Ground Ground
Ordering Information
Part Number MASW-009359-TR3000 MASW-009359-001SMB
1,2
12 Package 3000 piece reel 13
Sample Board 0.05 - 4.0 GHz Tuning
3. All package ground pins (P3,4,7,10, 12) and paddle ground are no connection (N/C) electrically to the internal die. M/ACOM recommends connecting all ground connections to PCB ground to ensure a good thermal path.
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-009359
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Parameter Insertion Loss (All Paths) Test Conditions 1.0 GHz 2.0 GHz 2.5 GHz 1.0 GHz 2.0 GHz 2.5 GHz DC - 2.5 GHz Two Tone, +23 dBm/tone, 5 MHz Spacing, 1 GHz Two Tone, +23 dBm/tone, 5 MHz Spacing, 2 GHz For Cell Band: Two-tone signal input: TX1 = +22 dBm @ 820 MHz, TX2 = +22 dBm @ 821 MHz, RX interferer = -23 dBm @ 865 MHz5 For PCS Band: Two-tone signal input: TX1 = +18 dBm @ 1880 MHz, TX2 = +18 dBm @ 1881 MHz, RX interferer = -23 dBm @ 1960 MHz5 Fin = 1 GHz, Pin = +26 dBm Fin = 2 GHz, Pin = +26 dBm Fin = 1 GHz, Pin = +26 dBm Fin = 2 GHz, Pin = +26 dBm VC = 0 V/2.7 V, 1 GHz 10% to 90% RF, 90% to 10% RF, 900 MHz 50% control to 90% RF, and 50% control to 10% RF, 900 MHz In Band VC = 0 V/2.7 V Units dB dB dB dB dB dB dB dBm dBm dBm
M/A-COM Products
Rev. V1
Electrical Specifications: TA = 25C, Z0 = 50 , VC = 0 V / 2.7 V, 1000 pF Capacitors 4
Min. -- -- -- 23 17 16 -- -- -- -- Typ. 0.55 0.75 0.75 27 21 20 20 65 64 -108 Max. 0.7 0.9 0.9 -- -- -- -- -- -- --
Isolation Return Loss (All RF ports) IP3
Cross Modulation
dBm
-- -- -- -- -- -- -- -- -- --
-109 82 83 84 74 36 45 70 40 6
-- -- -- -- -- -- -- -- -- 25
2nd Harmonic 3rd Harmonic P0.1dB Trise, Tfall Ton, Toff Transients Control Current
dBc dBc dBm ns ns mV A
4. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling capacitors / as shown on the application schematic . 5. RX Interferer power set to -10 dBm during test to improve dynamic range of measurement system. Typical performance with -23 dBm interferer is determined by using a linear relationship between interferer power level and cross modulation products.
Absolute Maximum Ratings 6,7
Parameter Input Power (0.5 - 4.0 GHz, 2.6 V Control) Control Voltage Operating Temperature Storage Temperature Absolute Maximum +36 dBm 8.5 volts -40C to +85C -65C to +150C
Truth Table 8,9
V1 1 0 0 V2 0 1 0 V3 0 0 1 ANT-RF1 ANT-RF2 ANT-RF3 On Off Off Off On Off Off Off On
6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM does not recommend sustained operation near these survivability limits. 2
8. Differential voltage, V (state 1) -V (state 0) must be 2.6 V minimum and must not exceed 8.5 V. 9. Positive Control: 1 = +2.6 V to +8.0 V, 0 = 0 V +/- 0.2V Negative Control: 1 = 0 V +/- 0.2V, 0 = -2.6 V to -8.0 V
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-009359
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Typical Performance Curves: Z0 = 50 , 1000 pF Blocking and decoupling caps, VCTL = 0/+2.7 Vdc
Insertion Loss
0.0
M/A-COM Products
Rev. V1
Isolation
0 -10
-0.5 -20 -1.0
+25C -40C +85C
-30 -40 -50
+25C -40C +85C
-1.5
-2.0 0 1 2 3 4 5
-60 0 1 2 3 4 5
Frequency (GHz)
Frequency (GHz)
Input Return Loss
0
Input IP2 and IP3
120 110
IIP3 IIP2
-10 100 -20 90 80
+25C -40C +85C
-30
70 60 50 0.5
-40
-50 0 1 2 3 4 5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Frequency (GHz)
Input P0.1dB Compression
40 39 38 37 36 35 34 0.5
Harmonics
100 95 90 85 80 75 70 65 60 0.5
2nd Harmonic 3rd Harmonic
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-009359
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Typical Performance Curves vs. Control Voltage: Z0 = 50 , 1000 pF Blocking and decoupling caps
Input IP3 vs. Control Voltage
80 75 70 65 60 55 50 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
M/A-COM Products
Rev. V1
Input IP2 vs. Control Voltage
120 115 110 105 100 95 90 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (Vdc)
Control Voltage (Vdc)
2nd Harmonic vs. Control Voltage
95 90 85 80 75 70 65 60 55 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
3rd Harmonic vs. Control Voltage
95 90 85 80 75 70 65 60 55 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (Vdc)
Control Voltage (Vdc)
Input P0.1dB vs. Control Voltage
42 40 38 36 34 32 30 28 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (Vdc)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-009359
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Application Schematic 10,11 Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
M/A-COM Products
Rev. V1
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
10. The exposed pad centered on the package bottom must be connected to ground to ensure a good thermal path. 11. All blocking and decoupling capacitors = 1000 pF
Lead-Free 2 mm STQFN-12LD-0.4mm Pitch
Reference Application Note S2083 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is Ni/Pd/Au over Copper.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-009359-001SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X